Part Number Hot Search : 
EM128L08 39100 39100 CDLL5312 N6121 SMB36A PE9601EK BR304
Product Description
Full Text Search
 

To Download 67926-0401 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this document was generated on 04/05/2010 please check www.molex.com for latest part information part number: 0679260401 status: active description: 3.81mm (.150") pitch serial ata idt power receptacle, gold (au) flash, 22awg, with latch, without bump, lead free documents: 3d model rohs certificate of compliance (pdf) drawing (pdf) general product family idt and solder connectors series 67926 crimp quality equipment yes product name serial ata use with 67926-0040 feed-to cover, 67926-0041 feed-through cover physical circuits (loaded) 5 color - resin black durability (mating cycles max) 50 gender female glow-wire compliant no lock to mating part yes material - metal copper alloy material - plating mating gold material - plating termination tin number of rows 1 packaging type tray panel mount no pitch - mating interface (in) 0.150 in pitch - mating interface (mm) 3.81 mm pitch - term. interface (in) 0.150 in pitch - term. interface (mm) 3.81 mm plating min: mating (in) 2 plating min: mating (m) 0.05 plating min: termination (in) 75 plating min: termination (m) 1.90 polarized to mating part yes temperature range - operating -35c to +85c wire size awg 22 electrical current - maximum per contact 1.5a voltage - maximum 15v dc material info reference - drawing numbers sales drawing sd-67926-001 series image - reference only eu rohs china rohs elv and rohs compliant reach svhc not reviewed halogen-free status not reviewed need more information on product environmental compliance? email productcompliance@molex.com for a multiple part number rohs certificate of compliance, click here please visit the contact us section for any non-product compliance questions. search parts in this series 67926 series mates with 87679 application tooling | faq tooling specifications and manuals are found by selecting the products below. crimp height specifications are then contained in the application tooling specification document. global description product # insertion tool for 3.96mm (.156") pitch kk? idt crimp terminals 0638133503 this document was generated on 04/05/2010 please check www.molex.com for latest part information




▲Up To Search▲   

 
Price & Availability of 67926-0401

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X